データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OS63TPN データシート(PDF) 3 Page - ABB

部品番号 OS63TPN
部品情報  Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABB [ABB]
ホームページ  http://www.abb.com
Logo ABB - ABB

OS63TPN データシート(HTML) 3 Page - ABB

  OS63TPN Datasheet HTML 1Page - ABB OS63TPN Datasheet HTML 2Page - ABB OS63TPN Datasheet HTML 3Page - ABB OS63TPN Datasheet HTML 4Page - ABB OS63TPN Datasheet HTML 5Page - ABB OS63TPN Datasheet HTML 6Page - ABB OS63TPN Datasheet HTML 7Page - ABB OS63TPN Datasheet HTML 8Page - ABB OS63TPN Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.abb.com/lowvoltage
email info@gb.abb.com
Telephone 02476 368500
Facsimile 02476 368401
3/3
3
Switching - Loadbreak Switches
IP65 Plastic Enclosure
3 - 4 - 6 pole
16...125 amps
•
IP65 rated
•
Grey plastic enclosure
•
Standard handle - Red/Yellow (padlockable in the off position)
•
Cable entries top and bottom
•
All OTP16 (excluding 3p) /25/32 all have 25/20mm reducers
Rating @ 415v
Cable
Dimensions
Number
[lth A]
[AC22] [AC23]
kW
entries
H
W
D
of Poles
Order Code
Price £
3P-2xM20
120
85
60
3 + solid neutral
OTP16BA3M
17.89
25
16
16
7.5
4P-2xM25+M16
150 130
60
4
OTP16BA4M
24.07
150 130
85
6
OTP16BA6M
53.09
150 130
60
3+ solid neutral
OTP25BA3M
23.06
32
25
20
9
2xM25+M16
150 130
60
4
OTP25BA4M
26.48
150 130
85
6
OTP25BA6M
56.67
150 130
60
3+ solid neutral
OTP32BA3M
25.01
40
40
23
11
2xM25+M16
150 130
60
4
OTP32BA4M
28.51
150 130
85
6
OTP32BA6M
60.34
200 145
90
3+ solid neutral
OTP45BA3M
34.72
63
63
45
22
2xM32+M16
200 145
90
4
OTP45BA4M
40.15
200 145
90
6
OTP45BA6M
76.42
200 145
90
3+ solid neutral
OTP63BA3M
44.04
80
80
75
37
2xM32+M16
200 145
90
4
OTP63BA4M
51.80
200 145
90
6
OTP63BA6M
90.67
400 200 140
3+ solid neutral
OTP80BA3U
79.66
80
80
55
30
Blank plates
400 200 140
4
OTP80BA4U
110.42
400 200 140
6
OTP80BA6U
192.34
400 200 140
3+ solid neutral
OTP125BA3U
142.48
125
125
90
45
Blank plates
400 200 140
4
OTP125BA4U
164.48
400 200 140
6
OTP125BA6U
259.03
OTP16BA3M
OTP25BA3M
OTP45BA3M
OTP80BA3U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12