データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP2981-33DBVR データシート(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
部品番号 LP2981-33DBVR
部品情報  100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LP2981-33DBVR データシート(HTML) 13 Page - Texas Instruments

Back Button LP2981-33DBVR Datasheet HTML 8Page - Texas Instruments LP2981-33DBVR Datasheet HTML 9Page - Texas Instruments LP2981-33DBVR Datasheet HTML 10Page - Texas Instruments LP2981-33DBVR Datasheet HTML 11Page - Texas Instruments LP2981-33DBVR Datasheet HTML 12Page - Texas Instruments LP2981-33DBVR Datasheet HTML 13Page - Texas Instruments LP2981-33DBVR Datasheet HTML 14Page - Texas Instruments LP2981-33DBVR Datasheet HTML 15Page - Texas Instruments LP2981-33DBVR Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2981A-30DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
LP2981A-30DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2981A-33DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2981A-33DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
LP2981A-33DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2981A-50DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
LP2981A-50DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP2981-28DBVR
SOT-23
DBV
5
3000
205.0
200.0
33.0
LP2981-28DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
LP2981-28DBVT
SOT-23
DBV
5
250
205.0
200.0
33.0
LP2981-29DBVR
SOT-23
DBV
5
3000
205.0
200.0
33.0
LP2981-30DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
LP2981-30DBVR
SOT-23
DBV
5
3000
205.0
200.0
33.0
LP2981-30DBVT
SOT-23
DBV
5
250
205.0
200.0
33.0
LP2981-33DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
LP2981-33DBVR
SOT-23
DBV
5
3000
205.0
200.0
33.0
LP2981-33DBVT
SOT-23
DBV
5
250
205.0
200.0
33.0
PACKAGE MATERIALS INFORMATION
www.ti.com
1-May-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16