| データシートサーチシステム |
|
MSP430F149IPM データシート(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F149IPM データシート(HTML) 6 Page - Texas Instruments |
|
6 / 88 page ![]() 6 MSP430F149, MSP430F148, MSP430F147 MSP430F1491, MSP430F1481, MSP430F1471 MSP430F135, MSP430F133 SLAS272H – JULY 2000 – REVISED MAY 2018 www.ti.com Submit Documentation Feedback Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471 MSP430F135 MSP430F133 Device Comparison Copyright © 2000–2018, Texas Instruments Incorporated (1) For the most current package and ordering information, see the Package Option Addendum in Section 8, or see the TI website at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) Each number in the sequence represents an instantiation of Timer_A with its associated number of capture/compare registers and PWM output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first instantiation having 3 and the second instantiation having 5 capture/compare registers and PWM output generators, respectively. (4) Each number in the sequence represents an instantiation of Timer_B with its associated number of capture/compare registers and PWM output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first instantiation having 3 and the second instantiation having 5 capture/compare registers and PWM output generators, respectively. 3 Device Comparison Table 3-1 summarizes the features of the device variants in this data sheet. Table 3-1. Device Comparison(1)(2) Device Flash SRAM Timer_A(3) Timer_B(4) USART COMP_A ADC12 (Channels) I/Os Package MSP430F149 60KB 2KB 3 7 2 1 8 48 64-pin PM 64-pin PAG 64-pin RTD MSP430F1491 60KB 2KB 3 7 2 1 8 48 64-pin PM 64-pin RTD MSP430F148 48KB 2KB 3 7 2 1 8 48 64-pin PM 64-pin PAG 64-pin RTD MSP430F1481 48KB 2KB 3 7 2 1 8 48 64-pin PM 64-pin RTD MSP430F147 32KB 1KB 3 7 2 1 8 48 64-pin PM 64-pin PAG 64-pin RTD MSP430F1471 32KB 1KB 3 7 2 1 8 48 64-pin PM 64-pin RTD MSP430F135 16KB 512 bytes 3 3 1 1 8 48 64-pin PM 64-pin PAG 64-pin RTD MSP430F133 8KB 256 bytes 3 3 1 1 8 48 64-pin PM 64-pin PAG 64-pin RTD 3.1 Related Products For information about other devices in this family of products or related products, see the following links. TI 16-bit and 32-bit microcontrollers High-performance, low-power solutions to enable the autonomous future Products for MSP430 ultra-low-power microcontrollers One platform. One ecosystem. Endless possibilities. Products for other MSP430 microcontrollers MCUs for metrology, monitoring, system control, and communications Companion Products for MSP430F149 Review products that are frequently purchased or used with this product. Reference Designs The TI Designs Reference Design Library is a robust reference design library that spans analog, embedded processor, and connectivity. Created by TI experts to help you jump start your system design, all TI Designs include schematic or block diagrams, BOMs, and design files to speed your time to market. |