| データシートサーチシステム |
|
REF5010ID.A データシート(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5010ID.A データシート(HTML) 9 Page - Texas Instruments |
|
9 / 52 page ![]() 6.6 Electrical Characteristics REF50xxEI At TA = 25°C, ILOAD = 0, CL = 1μF and VIN = VEN = (VOUT + 0.25V) , unless otherwise noted PARAMETER TEST CONDITION MIN TYP MAX UNIT OUTPUT VOLTAGE VOUT Output Voltage REF5025E 2.5 V REF5030E 3.0 V REF5040E 4.096 V REF5045E 4.5 V REF5050E 5 V IA Initial accuracy All voltage options –0.025 0.025 % dVOUT/dT TA = –40°C to 125°C 2.5 ppm/ ℃ NOISE enpp Low Frequency noise ƒ = 0.1Hz to 10Hz 0.5 µVPP/V en Output Voltage Noise ƒ = 10Hz to 1kHz 0.8 µVrms/V LINE REGULATION ΔVO(ΔVI) Line regulation VIN = (VOUT + 0.2V) to 42V 1 3 ppm/V VIN = VOUT + 0.2V to 42V, TA = –40°C to 125°C 1 5 LOAD REGULATION ΔVO(ΔIL) Load regulation –10mA < IOUT < 10mA, VIN = VOUT + 0.75V 5 25 ppm/mA 10mA < IOUT < 10mA, VIN = VOUT + 0.75V, TA = –40°C to 125°C 35 SHORT-CIRCUIT CURRENT ISC Short circuit current VOUT = 0 21 mA THERMAL HYSTERESIS AND LONG-TERM STABILITY TH SOIC-8 Cycle 1 80 ppm SOIC-8 Cycle 2 20 ppm LONG-TERM STABILITY ΔVOUT_LTD SOIC-8 0 to 1000 hours 25 ppm 1000 to 2000 hours 10 ppm TEMP PIN Voltage output 625 mV Temperature sensitivity TA = -40°C to 125°C 2.64 mV/°C TURN-ON SETTLING TIME Turn-on settling time To 0.1% with CL = 1μF 400 μs CAPACITIVE LOAD CIN Stable input capacitor range –40 ℃ ≤ TA ≤ 125℃ 0.1 µF CL Stable output capacitor range –40 ℃ ≤ TA ≤ 125℃ 1 100 µF POWER SUPPLY VS Supply voltage See note VOUT + 0.2 42 V Quiescent current 340 μA –40°C ≤ TA ≤ 125°C 480 μA Quiescent current Shunt down current VEN = 0V 10 μA Enable Voltage VEN Active mode (EN = 1) 1.6 V Shutdown Mode (EN = 0) 0.5 V TEMPERATURE RANGE www.ti.com REF50, REF50E SBOS410O – JUNE 2007 – REVISED OCTOBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 9 Product Folder Links: REF50 REF50E |
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |