| データシートサーチシステム |
|
LCAD30004 データシート(PDF) 2 Page - Infinite Electronics International, Inc. |
|
|
|||||||||||||||||||||||||||||
LCAD30004 データシート(HTML) 2 Page - Infinite Electronics International, Inc. |
|
2 / 3 page ![]() USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com 2 LCAD30004 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc. LCAD30004 Coaxial Adapter, SMA Female / UMCX Jack Polarity Standard Standard . Material Specifications Connector 1 Connector 2 Description Material Plating Material Plating Type SMA Female Push-On UMCX Female Contact Phosphor Bronze Gold Beryllium Copper Gold 2 µin minimum 2 µin minimum Insulation PTFE PTFE Outer Conductor Brass Gold Brass Gold 2µin minimum 2 µin minimum Body Brass Gold Phosphor Bronze Gold 2µin minimum 2 µin minimum . . Environmental Specifications Temperature Operating Range -40ºC to +90ºC . Compliance Certifications (see product page for current document) Plotted and Other Data Coaxial Adapter, SMA Female / UMCX Jack from L-com has same day shipment for domestic and International orders. Our portfolio includes coaxial cable assemblies, connectors, adapters and custom products as well as lightning and surge protectors, NEMA rated enclosures, and an RF product line which includes antennas, amplifiers, passive, and active components. The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary to make modifications to the part and/or the documentation of the part in order to impliment improvements. L-com reserves the right to make such changes as required. Unless otherwise stated, all specifications are nominal. L-com does not make any representation or warranty regarding the suitability of the part described herein for any particular purpose, and L-com does not assume liability arising out of the use of any part or document. The information contained within this document is accurate to the best of our knowledge and representative of the part described herein. It may be necessary to make modifications to the part and/or the documentation of the part in order to impliment improvements. L-com reserves the right to make such changes as required. Unless otherwise stated, all specifications are nominal. L-com does not make any representation or warranty regarding the suitability of the part described herein for any particular purpose, and L-com does not assume liability arising out of the use of any part or document. |