| データシートサーチシステム |
|
FC1066A データシート(PDF) 1 Page - Electronic Components Ltd. |
|
|
|||||||||||||||||||||||||||||
FC1066A データシート(HTML) 1 Page - Electronic Components Ltd. |
|
1 / 2 page ![]() www.cliffuk.co.uk 2.5mm, 3.5mm and ¼” (6.35mm) Mono and Stereo Jack Plugs The range of professional quality mono and stereo Jack Plugs are designed for use in CLIFF® many applications including audio, computer, military and industrial uses. Our Jack Plugs are manufactured from solid nickel-plated brass with high temperature Phenolic / PBT insulators and either metal or tough ABS covers. Some models are available with plastic covers in seven standard colours for easy identification. All versions feature a cable clamp, which is an integral part of the ground screen contact, and clamps firmly without damaging the cable. JP025 2.5mm mono unscreened Jack Plug. Black plastic body. Careful assembly required. JP025 - FC6814 2.5mm and 3.5mm mono unscreened Jack Plug. Allows larger cable use. Black plastic body. 3.5mm model. P6C-A - FC1066A 2.5mm model. P6C-D - FC1066D Maximum cable Ø4.0mm Maximum cable Ø5.3mm Also available subject to minimum quantity are models with low profile barrel and strain relief. Refer to Sales. JPS35 3.5mm stereo unscreened Jack Plug. Black plastic body. JPS35G Gold plated version. JPS35 - FT6300 JPS35G - FT6301 Maximum cable Ø5mm |
同様の部品番号 - FC1066A |
|
同様の説明 - FC1066A |