データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M54HC7643M1R データシート(PDF) 6 Page - STMicroelectronics

部品番号 M54HC7643M1R
部品情報  OCTAL BUS TRANSCEIVER (3-STATE):HC7645 NONINVERTING HC7640 INVERTING ,HC7643 INVERTING/NONINVERTING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC7643M1R データシート(HTML) 6 Page - STMicroelectronics

Back Button M54HC7643M1R Datasheet HTML 2Page - STMicroelectronics M54HC7643M1R Datasheet HTML 3Page - STMicroelectronics M54HC7643M1R Datasheet HTML 4Page - STMicroelectronics M54HC7643M1R Datasheet HTML 5Page - STMicroelectronics M54HC7643M1R Datasheet HTML 6Page - STMicroelectronics M54HC7643M1R Datasheet HTML 7Page - STMicroelectronics M54HC7643M1R Datasheet HTML 8Page - STMicroelectronics M54HC7643M1R Datasheet HTML 9Page - STMicroelectronics M54HC7643M1R Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Plastic DIP20 (0.25) MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E
8.5
0.335
e
2.54
0.100
e3
22.86
0.900
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.34
0.053
P001J
M54/M74HC7245/7640/7643/7645
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10