| データシートサーチシステム |
|
TMS320DM647 データシート(PDF) 89 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM647 データシート(HTML) 89 Page - Texas Instruments |
|
89 / 182 page ![]() TMS320DM647/TMS320DM648 Digital Media Processor www.ti.com SPRS372B – MAY 2007 – REVISED APRIL 2008 A. RESET should be used only after the device has been powered up. For more details on the use of the RESET pin, see Section 6.7, Reset Controller. B. A reset signal is generated internally during a Warm Reset. This internal reset signal has the same effect as the RESET pin during a Warm Reset. C. Boot and Device Configuration Inputs (during reset) include AEA[22:11], and UHPIEN. Figure 6-11. Warm Reset and Max Reset Timing Submit Documentation Feedback Peripheral Information and Electrical Specifications 89 |