データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HCT643 データシート(PDF) 8 Page - STMicroelectronics

部品番号 M74HCT643
部品情報  OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT643 データシート(HTML) 8 Page - STMicroelectronics

Back Button M74HCT643 Datasheet HTML 3Page - STMicroelectronics M74HCT643 Datasheet HTML 4Page - STMicroelectronics M74HCT643 Datasheet HTML 5Page - STMicroelectronics M74HCT643 Datasheet HTML 6Page - STMicroelectronics M74HCT643 Datasheet HTML 7Page - STMicroelectronics M74HCT643 Datasheet HTML 8Page - STMicroelectronics M74HCT643 Datasheet HTML 9Page - STMicroelectronics M74HCT643 Datasheet HTML 10Page - STMicroelectronics M74HCT643 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Ceramic DIP20 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
25
0.984
B
7.8
0.307
D
3.3
0.130
E
0.5
1.78
0.020
0.070
e3
22.86
0.900
F
2.29
2.79
0.090
0.110
G
0.4
0.55
0.016
0.022
I
1.27
1.52
0.050
0.060
L
0.22
0.31
0.009
0.012
M
0.51
1.27
0.020
0.050
N1
4
° (min.), 15° (max.)
P
7.9
8.13
0.311
0.320
Q
5.71
0.225
P057H
M54/M74HCT245/640/643
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11