| データシートサーチシステム |
|
ISL28107 データシート(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL28107 データシート(HTML) 5 Page - Renesas Technology Corp |
|
5 / 33 page ![]() ISL28107, ISL28207, ISL28407 FN6631 Rev 8.01 Page 5 of 32 Aug 30, 2024 Ordering Information PART NUMBER (Notes 1, 2, 3) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL28107FBZ (No longer available) 28107 FBZ -40 to +125 8 Ld SOIC M8.15E ISL28107FUZ (No longer available) 8107Z -40 to +125 8 Ld MSOP M8.118B ISL28107FRTZ (No longer available) 107Z -40 to +125 8 Ld TDFN L8.3x3K ISL28207FBZ 28207 FBZ -40 to +125 8 Ld SOIC M8.15E ISL28207FUZ 8207Z -40 to +125 8 Ld MSOP M8.118B ISL28207FRTZ 8207 -40 to +125 8 Ld TDFN L8.3x3K ISL28407FBZ (No longer available) 28407 FBZ -40 to +125 14 Ld SOIC MDP0027 ISL28107SOICEVAL1Z (No longer available) Evaluation Board NOTES: 1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. These Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28107, ISL28207 and ISL28407. For more information on MSL please see TB363. |