| データシートサーチシステム |
|
USB2514I データシート(PDF) 45 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB2514I データシート(HTML) 45 Page - SMSC Corporation |
|
45 / 49 page ![]() Industrial Temperature Rated USB 2.0 High-Speed 4-Port Hub Controller Datasheet SMSC USB2514i 45 Revision 1.98 (11-19-07) DATASHEET Note 5.1 Output leakage is measured with the current pins in high impedance. Note 5.2 See USB 2.0 Specification for USB DC electrical characteristics. IO-U (Note 5.2) Supply Current Unconfigured High-Speed Host Full-Speed Host ICCINTHS ICCINITFS 95 80 105 90 mA mA Supply Current Configured (High-Speed Host) 1 Port HS, 1 Port LS/FS 2 Ports @ LS/FS 2 Ports @ HS 3 Ports @ HS 4 Ports @ HS IHCH1C1 IHCC2 IHCH2 IHCH3 IHCH4 150 150 160 170 175 170 160 285 295 310 mA mA mA mA mA All supplies combined Supply Current Configured (Full-Speed Host) 1 Port 2 Ports 3 Ports 4 Ports IFCC1 IFCC2 IFCC3 IFCC4 140 140 140 140 155 155 155 155 mA mA mA mA All supplies combined Supply Current Suspend ICSBY 310 600 μA All supplies combined Supply Current Reset ICRST 100 400 μA All supplies combined Table 5.1 DC Electrical Characteristics (continued) PARAMETER SYMBOL MIN TYP MAX UNITS COMMENTS |