| データシートサーチシステム |
|
DIO1005MP10 データシート(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO1005MP10 データシート(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD |
|
5 / 11 page ![]() www.dioo.com © 2016 DIOO MICROCIRCUITS CO., LTD DIO1005• Rev. 1.2 Electrical Characteristics All typical value are at VCC=4.3V, GND=0V, V Symbol Parameter Power Requirements VCC Power Supply Range ICC Quiescent Supply Current VIN=0V or V ICCT Increase in ICC per Input Input at 2.6V Input at 1.8V DIO1005 DIOO MICROCIRCUITS CO., LTD Electrical Characteristics V, GND=0V, VIH=1.6V, VIL=0.5V, TA=25°C unless otherwise specified. Conditions VCC/V Temp Min -40 to 85°C 1.8 =0V or VCC 4.3 -40 to 85°C Input at 2.6V 4.3 -40 to 85°C Input at 1.8V Min Typ Max Unit 1.8 4.3 V 500 nA 5 µA 10 |