| データシートサーチシステム |
|
PL5R データシート(PDF) 3 Page - Clarke International |
|
|
|||||||||||||||||||||||||||||
PL5R データシート(HTML) 3 Page - Clarke International |
|
3 / 8 page ![]() 3 Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com SAFETY INSTRUCTIONS 1. Read these instructions carefully before use and keep them for future reference. 2. DO NOT look directly into the worklight when it is switched on. 3. Keep the worklight out of the reach of children. 4. Charge the worklight in a dry indoor location. 5. DO NOT immerse in water or any other liquid. 6. ALWAYS fully charge before first use. 7. DO NOT turn on the light when charging. 8. DO NOT leave the worklight on charge for more than 24 hours. 9. DO NOT disassemble the worklight as there are no user changeable parts. 10. Recharge the worklight every six months. 11. This worklight utilise a rechargeable Lithium-ion battery that can rupture, ignite and cause serious injury if being used incorrectly. 12. Please check the following safety rules: • DO NOT place batteries and worklight in a fire or high temperature. • DO NOT tamper with the battery or wiring. • DO NOT puncture or damage the batteries. • DO NOT dispose of the worklight in a fire or water. 13. Failure to heed these warning may result in personal injury or property damage. 14. The light source contained in this worklight has a life expectancy of approximately 50000 hours after which the worklight should be disposed of according to the laws governing Waste Electrical and Electronic Equipment (WEEE) at a recognised disposal facility. |