データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CB22 データシート(PDF) 1 Page - Optronics International

部品番号 CB22
部品情報  Discontinued - Cab/Clearance Lights - PC Rated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTRONICS [Optronics International]
ホームページ  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

CB22 データシート(HTML) 1 Page - Optronics International

  CB22 Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
CB22 SERIES
Discontinued ­ Cab/Clearance Lights ­ PC Rated
Surface mount on 1­3/4” centers, gasket included
Polycarbonate lens and housing
Twist­in socket with both lead and ground wires
Available in bulk, polypack and retail packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
CB22AB
CB22ABP
DISCONTINUED ­ Yellow cab/clearance light
with gasket, two­wire
50
CB22RB
CB22RBP
DISCONTINUED ­ Red cab/clearance light with
gasket, two­wire
50
CB22AS
DISCONTINUED ­ Retail pack: Yellow
cab/clearance light with gasket, clam
12
Accessories
Bulk
Polypack
Diodes
Description
Qty
A194B
A194BP
194 wedge base replacement bulb, 14V 4CP,
2500 hour rating
100
Specifications
FMVSS:
P2 PC
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8VDC ­ 0.2A
WT/DIMS:
.132 lb. / 3.875” x 3.125” x 1.625”
WARRANTY:
Three Year Warranty


同様の部品番号 - CB22

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
CB221-10 COOPER-CB221-10 Datasheet
269Kb / 5P
Automotive Circuit Breakers
CB221-15 COOPER-CB221-15 Datasheet
269Kb / 5P
Automotive Circuit Breakers
CB221-20 COOPER-CB221-20 Datasheet
269Kb / 5P
Automotive Circuit Breakers
CB221-25 COOPER-CB221-25 Datasheet
269Kb / 5P
Automotive Circuit Breakers
CB221-30 COOPER-CB221-30 Datasheet
269Kb / 5P
Automotive Circuit Breakers
More results

同様の説明 - CB22

メーカー部品番号データシート部品情報
logo
Dialight Corporation
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
logo
Harwin Plc
R30-9400500 HARWIN-R30-9400500 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
CLEARANCE SPACERS
logo
PHOENIX CONTACT
CRIMPFOX-ZA-6-3 PHOENIX-CRIMPFOX-ZA-6-3 Datasheet
75Kb / 2P
Discontinued item
logo
Harwin Plc
R4780-02 HARWIN-R4780-02 Datasheet
149Kb / 1P
CLEARANCE SPACER-ROUND
R6680-02 HARWIN-R6680-02 Datasheet
130Kb / 1P
CLEARANCE SPACER-ROUND
logo
OSRAM GmbH
GWQSLM31.QM OSRAM-GWQSLM31.QM Datasheet
4Mb / 25P
Area Lights
logo
Balluff Korea Ltd.
BAE00WA BALLUFF-BAE00WA Datasheet
118Kb / 2P
Machine Lights
0.41_2021-09-01
BAE00Y4 BALLUFF-BAE00Y4 Datasheet
117Kb / 2P
Machine Lights
0.44_2021-05-20
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com