データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SBL1630CT データシート(PDF) 1 Page - Sirectifier Semiconductors

部品番号 SBL1630CT
部品情報  Low VF Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIRECTIFIER [Sirectifier Semiconductors]
ホームページ  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SBL1630CT データシート(HTML) 1 Page - Sirectifier Semiconductors

  SBL1630CT Datasheet HTML 1Page - Sirectifier Semiconductors SBL1630CT Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBL1630CT thru SBL1645CT
FEATURES
* Metal of silicon rectifier, majority carrier conducton
* Guard ring for transient protection
* Low power loss, high efficiency
* High current capability, low VF
* High surge capacity
* For use in low voltage, high frequency inverters, free
whelling, and polarity protection applications
MECHANICAL DATA
* Case: TO-220AB molded plastic
* Polarity: As marked on the body
* Weight: 0.08 ounces, 2.24 grams
* Mounting position: Any
SBL1630CT
SBL1635CT
SBL1640CT
SBL1645CT
VRRM
V
30
35
40
45
VRMS
V
21
24.5
28
31.5
VDC
V
30
35
40
45
Low VF Schottky Barrier Rectifiers
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=95 C
IFSM
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
Maximum Forward Voltage At 8.0A DC (Note 1)
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=100 C
CJ
Typical Junction Capacitance (Note 2)
TSTG
Storage Temperature Range
Maximum Ratings
16
250
0.55
0.5
50
350
-55 to +150
A
A
V
Unit
mA
pF
o
o
o
C
o
NOTES: 1. 300us Pulse Width, 2% Duty Cycle.
2. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
3. Thermal Resistance Junction To Case.
Typical Thermal Resistance (Note 3)
2.5
ROJC
C/W
o
TJ
Operating Temperature Range
-55 to +125
C
o
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A
Dim.
A
B
C
D
E
F
G
H
J
K
M
N
Q
R
Milimeter
Min.
Max.
12.70
13.97
14.73
16.00
9.91
10.66
3.54
4.08
5.85
6.85
2.54
3.18
1.15
1.65
2.79
5.84
0.64
1.01
2.54
BSC
4.32
4.82
1.14
1.39
0.35
0.56
2.29
2.79
Inches
Min.
Max.
0.500
0.550
0.580
0.630
0.390
0.420
0.139
0.161
0.230
0.270
0.100
0.125
0.045
0.065
0.110
0.230
0.025
0.040
0.100
BSC
0.170
0.190
0.045
0.055
0.014
0.022
0.090
0.110
Dimensions TO-220AB


同様の部品番号 - SBL1630CT

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SBL1630CT DIODES-SBL1630CT Datasheet
66Kb / 2P
16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. F-2
logo
General Semiconductor
SBL1630CT GE-SBL1630CT Datasheet
79Kb / 2P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL1630CT VISHAY-SBL1630CT Datasheet
44Kb / 3P
Dual Schottky Barrier Rectifier
11-Feb-02
logo
GOOD-ARK Electronics
SBL1630CT GOOD-ARK-SBL1630CT Datasheet
243Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBL1630CT DIODES-SBL1630CT Datasheet
70Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. 7 - 2
More results

同様の説明 - SBL1630CT

メーカー部品番号データシート部品情報
logo
Sirectifier Semiconduct...
SBL1030 SIRECTIFIER-SBL1030 Datasheet
82Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1050CT SIRECTIFIER-SBL1050CT Datasheet
102Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1630PT SIRECTIFIER-SBL1630PT Datasheet
125Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1650PT SIRECTIFIER-SBL1650PT Datasheet
125Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL3030CT SIRECTIFIER-SBL3030CT Datasheet
100Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL3050PT SIRECTIFIER-SBL3050PT Datasheet
124Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCK240N SECOS-SCK240N Datasheet
277Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
MBR20100L JUXING-MBR20100L Datasheet
2Mb / 2P
Low VF Schottky Barrier Rectifiers
logo
Microdiode Semiconducto...
MBRD1045LT CHENDA-MBRD1045LT Datasheet
919Kb / 4P
LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
MBR30200L JUXING-MBR30200L Datasheet
1Mb / 2P
Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com