| データシートサーチシステム |
|
CMB24 データシート(PDF) 2 Page - Infinite Electronics International, Inc. |
|
|
|||||||||||||||||||||||||||||
CMB24 データシート(HTML) 2 Page - Infinite Electronics International, Inc. |
|
2 / 2 page ![]() CABLE, MOLD GPIB NORM A B C D E FSCM NO. 01845 SCALE: SIZE CAD FILE: DWG. NO. A SHEET OF REV. 1 2 3 4 5 6 7 8 NORTH ANDOVER, MA 45 BEECHWOOD DRIVE WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED. A B C D 1 2 3 4 5 6 7 CMB24.SLDDRW 2 43321 8 CMB24 2 CATEGORY PRODUCT DESCRIPTION NONE THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE IEEE-488 PAIR NUMBER J1/P1 J2/P2 FUNCTON 1 1 DATA LINE DI01 14 14 DATA LINE DI02 2 2 DATA LINE DI03 3 3 DATA LINE DI04 4 4 DATA LINE DI05 13 13 DATA LINE DI06 15 15 DATA LINE DI07 16 16 DATA LINE DI08 55 EOI 24 24 EOI RETURN 66 DAV 18 18 DAV RETURN 77 NRFD 19 19 NRDF RETURN 88 NDAC 20 20 NDAC RETURN 99 IFC 21 21 IFC RETURN 10 10 SRQ 22 22 SRQ RETURN 11 11 ATN 23 23 ATN RETURN 17 17 REN 24 24 REN RETURN DRAIN WIRE 12 & SHELL 12 & SHELL SHIELD WIRING TABLE 1 2 3 12 6 7 8 9 4 5 10 11 |