| データシートサーチシステム |
|
B30-R10000-OR データシート(PDF) 2 Page - Brady Worldwide, Inc. |
|
|
|||||||||||||||||||||||||||||
B30-R10000-OR データシート(HTML) 2 Page - Brady Worldwide, Inc. |
|
2 / 3 page ![]() 122 BradyID.com/bbp33 B30-Series Print Ribbons Ribbon installs in 5 seconds...snaps into place! B-# Material B-423 Glossy White Polyester – OO –––––– B-424 Matte White Paper O –––––––– B-428 Metallized Polyester O –––––––– B-432 Glossy Clear Polyester – O ––– O ––– B-434 Glossy Metallized Polyester – O ––––––– B-437 Tedlar® O –––––––– B-438 Tamper Evident Metallized Polyester O –––––––– B-483 Glossy White Polyester – O ––––––– B-483 ToughStripe® – O ––– O ––– B-484 Glossy White Polyester – O ––––––– B-486 Matte Metallized Polyester O –––––––– B-488 Matte White Polyester O –––––––– B-489 Matte White Polyester O –––––––– B-509 Printable Magnetic – – – O –––– O ** B-526 Photoluminescent Polyester – – – O –––– O ** B-549 Cold Temp Polyester – – – OO ––– O ** B-551 Non-Adhesive Tag – – – O –––– O ** B-565 Metallized Polyester – – – O ––––– B-569 Low-Halide Polyester – – – OO ––– O ** B-581 Repositionable Vinyl – – – OO ––– O ** B-584 Retro Reflective – – – O –––– O ** B-593 Raised Panel Engraved Plate Substitute – O ––– O ––– B-595 Outdoor Vinyl – – – OO – O *** O *** O ** B-854 Toughwash™ Metal Detectable – O ––––––– B-855 Toughwash™ – O ––––––– B-724 Matte Amber Polyimide O –––––––– B-727 Glossy White Polyimide – O ––––––– B-787 Glossy White Polyvinyl Flouride – O ––––––– B-7569 Vinyl Film – – – O ––––– Refer to the corresponding Tech Data Sheets for complete material information at BradyID.com/techdata. **Colored ribbons optimized for use on white material. Test use on other material colors for suitability to your application. ***For printing yellow onto white B-595 use B30-R10000-YL. For printing yellow onto other colors of B-595 use B30-R10000-YL2. BBP®33, BBP®35 & BBP®37 Print Ribbon / Material Compatibility BBP®33, BBP®35 & BBP®37 Print Ribbon “Drop & Click” print ribbons for 5 second ribbon supply changes • Tough, smear-proof ribbons that produce long-lasting printed text and can withstand years in industrial areas and outdoor conditions • Self-contained cartridges drop straight into printer with a “click” • No calibrating, no threading, no wasted feeding, no hassles and the ink will always be facing the right direction! • Printer notifies user if installed ribbon is not recommended for installed labels |