| データシートサーチシステム |
|
B30-R10000-KRYB-8 データシート(PDF) 3 Page - Brady Worldwide, Inc. |
|
|
|||||||||||||||||||||||||||||
B30-R10000-KRYB-8 データシート(HTML) 3 Page - Brady Worldwide, Inc. |
|
3 / 3 page ![]() 123 1-888-272-3946 BradyID.com BradyID.com/bbp33 B30-Series Print Ribbons * B30-R10000-YL for printing yellow onto white. B30-R10000-YL2 for printing yellow onto other colors of B-595. ** Process ribbons print a much lighter shade - designed to be used together with other process ribbons and black ribbon to lay down a dot pattern for printing "blended" colors and process color objects. BBP®33, BBP®35 & BBP®37 Single Color Print Ribbons • Solid color ribbons for printing a single color onto a label • Can be swapped out for printing multi-color labels on BBP35 or BBP37 printer if a paneled multi-color ribbon is not on-hand BBP®35 & BBP®37 Multi-Color "Paneled" Print Ribbons Fits Printer Model(s) Catalog # Color Size Inch (mm) Length Feet (m) BBP31, 33, 35, 37 B30-R10000 Black 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R10000-WT White 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R4400-WT White 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R4300 Black 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R6000 Black 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R6200 Black 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R10000-RD Red 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R10000-GN Green 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R10000-BL Blue 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R10000-YL Yellow* 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R10000-YL2 Yellow* 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R10000-OR Orange 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R10000-MA Magenta 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R10000-PRCCY Process Cyan** 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R10000-PRCYEL Process Yellow** 4.330 (109.9) 200 ft. (60.9 m) BBP31, 33, 35, 37 B30-R10000-PRCMAG Process Magenta** 4.330 (109.9) 200 ft. (60.9 m) ** Process ribbons print a much lighter shade - designed to be used together with other process ribbons and black ribbon to lay down a dot pattern for printing "blended" colors and process color objects. Four Color Print Ribbons Fits Printer Model(s) Catalog # Color Size Inch (mm) Length Feet (m) 8" panel length - Typical yield: 50 panel sets per roll BBP37, 35 B30-R10000-KRGB-8 Black, Red, Green and Blue 4.330 (101.9) x 8.000 (203.2) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-KRYG-8 Black, Red, Yellow and Green 4.330 (101.9) x 8.000 (203.2) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-KRYB-8 Black, Red, Yellow and Blue 4.330 (101.9) x 8.000 (203.2) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-KRBO-8 Black, Red, Blue and Orange 4.330 (101.9) x 8.000 (203.2) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-CMYK-8 Process Cyan, Mgnta, Yell, Blk 4.330 (101.9) x 8.000 (203.2) Panels 200 ft. (60.9 m) 16" panel length - Typical yield: 30 panel sets per roll BBP37, 35 B30-R10000-KRGB-16 Black, Red, Green and Blue 4.330 (101.9) x 16.000 (406.4) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-KRYB-16 Black, Red, Yellow and Blue 4.330 (101.9) x 16.000 (406.4) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-CMYK-16 Black, Cyan, Magenta, Yellow ** 4.330 (101.9) x 16.000 (406.4) Panels 200 ft. (60.9 m) Two Color Print Ribbons Fits Printer Model(s) Catalog # Color Size Inch (mm) Length Feet (m) 8" panel length - Typical yield: 100 panel sets per roll BBP37, 35 B30-R10000-KR-8 Black and Red 4.330 (101.9) x 8.000 (203.2) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-KY-8 Black and Yellow 4.330 (101.9) x 8.000 (203.2) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-KB-8 Black and Blue 4.330 (101.9) x 8.000 (203.2) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-KO-8 Black and Orange 4.330 (101.9) x 8.000 (203.2) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-KG-8 Black and Green 4.330 (101.9) x 8.000 (203.2) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-GR-8 Green and Red 4.330 (101.9) x 8.000 (203.2) Panels 200 ft. (60.9 m) 16" panel length - Typical yield: 60 panel sets per roll BBP37, 35 B30-R10000-KR-16 Black and Red 4.330 (101.9) x 16.000 (406.4) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-KY-16 Black and Yellow 4.330 (101.9) x 16.000 (406.4) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-KB-16 Black and Blue 4.330 (101.9) x 16.000 (406.4) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-KO-16 Black and Orange 4.330 (101.9) x 16.000 (406.4) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-KG-16 Black and Green 4.330 (101.9) x 16.000 (406.4) Panels 200 ft. (60.9 m) BBP37, 35 B30-R10000-RB-16 Red and Blue 4.330 (101.9) x 16.000 (406.4) Panels 200 ft. (60.9 m) • Ribbons have panels of 2- or 4-different colors for printing multiple colors onto a label • Use CMYK ribbon for printing blended colors. Blended colors are not as saturated as solid or spot color paneled ribbons, but do offer a broader palatte of available colors and shades • Print multiple colors without having to swap in multiple ribbons |