| データシートサーチシステム |
|
WM8991 データシート(PDF) 49 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8991 データシート(HTML) 49 Page - Wolfson Microelectronics plc |
|
49 / 174 page ![]() Pre-Production WM8991 w PP, May 2008, Rev 3.1 49 In Mixer Mode (AINLMODE=00, AINRMODE=00), adjustable gain control is available on the input mixers INMIXL and INMIXR for all available input signals (PGA outputs, line inputs and record paths). This configuration is illustrated in Figure 25. The applicable register settings are shown in Table 9. CONFIGURATION REGISTER SETTINGS 1. Select Mixer Mode AINLMODE = 00 Left Channel Mixer Mode (INMIXL to AINLMUX) 2. Enable input paths as required (see Table 5 and Table 12 for full definitions of the applicable settings listed here) L12MNB, L12MNBST LIN12VOL, LIN12MUTE L34MNB, L34MNBST LIN34VOL, LIN34MUTE LDBVOL LI2BVOL 1. Select Mixer Mode AINRMODE = 00 Right Channel Mixer Mode (INMIXR to AINRMUX) 2. Enable input paths as required (see Table 5 and Table 13 for full definitions of the applicable settings listed here) R12MNB, R12MNBST RIN12VOL, RIN12MUTE R34MNB, R34MNBST RIN34VOL, RIN34MUTE RDBVOL RI2BVOL Table 9 Mixer Mode Register Settings Figure 25 Mixer Mode Signal Paths |