データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HC154B1R データシート(PDF) 3 Page - STMicroelectronics

部品番号 M74HC154B1R
部品情報  4 TO 16 LINE DECODER/DEMULTIPLEXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC154B1R データシート(HTML) 3 Page - STMicroelectronics

  M74HC154B1R Datasheet HTML 1Page - STMicroelectronics M74HC154B1R Datasheet HTML 2Page - STMicroelectronics M74HC154B1R Datasheet HTML 3Page - STMicroelectronics M74HC154B1R Datasheet HTML 4Page - STMicroelectronics M74HC154B1R Datasheet HTML 5Page - STMicroelectronics M74HC154B1R Datasheet HTML 6Page - STMicroelectronics M74HC154B1R Datasheet HTML 7Page - STMicroelectronics M74HC154B1R Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1, 2, 3, 4, 5,
6, 7, 8, 9, 10,
11, 13, 14,
15, 16, 17
Y0 to Y15
Outputs (Active LOW)
18, 19
G1, G2
Enable Inputs (Active
LOW)
23, 22, 21, 20
A to D
Address Inputs
12
GND
Ground (0V)
24
VCC
Positive Supply Voltage
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Source Sink Current Per Output Pin
± 25
mA
ICC or IGND
DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500 (*)
mW
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
(*) 500 mW:
≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC
M74HC154
3/8



Html Pages

1 2 3 4 5 6 7 8