データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2904WD データシート(PDF) 15 Page - STMicroelectronics

部品番号 LM2904WD
部品情報  Low power dual operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WD データシート(HTML) 15 Page - STMicroelectronics

Back Button LM2904WD Datasheet HTML 11Page - STMicroelectronics LM2904WD Datasheet HTML 12Page - STMicroelectronics LM2904WD Datasheet HTML 13Page - STMicroelectronics LM2904WD Datasheet HTML 14Page - STMicroelectronics LM2904WD Datasheet HTML 15Page - STMicroelectronics LM2904WD Datasheet HTML 16Page - STMicroelectronics LM2904WD Datasheet HTML 17Page - STMicroelectronics LM2904WD Datasheet HTML 18Page - STMicroelectronics LM2904WD Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
LM2904W
Package information
15/19
5.2
DIP8 package information
Figure 27.
DIP8 package mechanical drawing
Table 5.
DIP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A5.33
0.210
A1
0.38
0.015
A2
2.92
3.30
4.95
0.115
0.130
0.195
b
0.36
0.46
0.56
0.014
0.018
0.022
b2
1.14
1.52
1.78
0.045
0.060
0.070
c
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
10.16
0.355
0.365
0.400
E
7.62
7.87
8.26
0.300
0.310
0.325
E1
6.10
6.35
7.11
0.240
0.250
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
2.92
3.30
3.81
0.115
0.130
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19