| データシートサーチシステム |
|
PTH12000LAH データシート(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PTH12000LAH データシート(HTML) 10 Page - Texas Instruments |
|
10 / 19 page ![]() Application Notes continued For technical support and further information visit http://power.ti.com VOUT RSET 1.200 Open 1.225 318.0 k Ω 1.250 158.0 k Ω 1.275 105.0 k Ω 1.300 78.2 k Ω 1.325 62.2 k Ω 1.350 51.5 k Ω 1.375 43.9 k Ω 1.400 38.2 k Ω 1.425 33.7 k Ω 1.450 30.2 k Ω 1.475 27.3 k Ω 1.50 24.8 k Ω 1.55 21.0 k Ω 1.60 18.2 k Ω 1.65 16.0 k Ω 1.70 14.2 k Ω 1.75 12.7 k Ω 1.80 11.5 k Ω 1.85 10.5 k Ω 1.90 9.61 k Ω 1.95 8.85 k Ω 2.00 8.18 k Ω 2.05 7.59 k Ω 2.10 7.07 k Ω 2.15 6.60 k Ω 2.20 6.18 k Ω 2.25 5.80 k Ω 2.30 5.45 k Ω 2.35 5.14 k Ω 2.40 4.85 k Ω 2.45 4.58 k Ω 2.50 4.33 k Ω 2.55 4.11 k Ω 2.60 3.89 k Ω 2.65 3.70 k Ω Table 2-3; Output Voltage Set-Point Resistor Values VOUT RSET 2.70 3.51 k Ω 2.75 3.34 k Ω 2.80 3.18 k Ω 2.85 3.03 k Ω 2.90 2.89 k Ω 2.95 2.75 k Ω 3.00 2.62 k Ω 3.05 2.50 k Ω 3.10 2.39 k Ω 3.15 2.28 k Ω 3.20 2.18 k Ω 3.25 2.08 k Ω 3.30 1.99 k Ω 3.35 1.90 k Ω 3.40 1.82 k Ω 3.50 1.66 k Ω 3.60 1.51 k Ω 3.70 1.38 k Ω 3.80 1.26 k Ω 3.90 1.14 k Ω 4.00 1.04 k Ω 4.10 939 Ω 4.20 847 Ω 4.30 761 Ω 4.40 680 Ω 4.50 604 Ω 4.60 533 Ω 4.70 466 Ω 4.80 402 Ω 4.90 342 Ω 5.00 285 Ω 5.10 231 Ω 5.20 180 Ω 5.30 131 Ω 5.40 85 Ω 5.50 41 Ω PTH12000 Series VOUT RSET 0.800 Open 0.825 312.0 k Ω 0.850 152.0 k Ω 0.875 98.8 k Ω 0.900 72.1 k Ω 0.925 56.1 k Ω 0.950 45.5 k Ω 0.975 37.8 k Ω 1.000 32.1 k Ω 1.025 27.7 k Ω 1.050 24.1 k Ω 1.075 21.2 k Ω 1.100 18.8 k Ω 1.125 16.7 k Ω 1.150 15.0 k Ω 1.175 13.5 k Ω 1.200 12.1 k Ω 1.225 11.0 k Ω 1.250 9.91 k Ω 1.275 8.97 k Ω 1.300 8.13 k Ω 1.325 7.37 k Ω 1.350 6.68 k Ω 1.375 6.04 k Ω 1.400 5.46 k Ω 1.425 4.93 k Ω 1.450 4.44 k Ω 1.475 3.98 k Ω 1.50 3.56 k Ω 1.55 2.8 k Ω 1.60 2.13 k Ω 1.65 1.54 k Ω 1.70 1.02 k Ω 1.75 551 Ω 1.80 130 Ω PTH12000W PTH12000L |