データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ECSS3 データシート(PDF) 9 Page - Clarke International

部品番号 ECSS3
部品情報  ELECTRIC CHAINSAW SHARPENER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CLARKE [Clarke International]
ホームページ  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

ECSS3 データシート(HTML) 9 Page - Clarke International

Back Button ECSS3 Datasheet HTML 5Page - Clarke International ECSS3 Datasheet HTML 6Page - Clarke International ECSS3 Datasheet HTML 7Page - Clarke International ECSS3 Datasheet HTML 8Page - Clarke International ECSS3 Datasheet HTML 9Page - Clarke International ECSS3 Datasheet HTML 10Page - Clarke International ECSS3 Datasheet HTML 11Page - Clarke International ECSS3 Datasheet HTML 12Page - Clarke International ECSS3 Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
3. Lift up the Chain Stop and
place the chain in the Sliding
Guide, as shown.
4. Lower the Chain Stop so that
it is positioned on the tooth
(blade) you want to start
with, using the adjustment
knob and locking nut to
position the Chain Stop as
required.
5. Loosen the Lock Wheel to
allow the entire housing to
turn. Rotate the housing to
match the degree of angle
you need on the Angle
Gauge.
NOTE: Chains come in various sizes with varying degrees of sharpening
angles. Check with the chain manufacturers manual to determine what
degree you need to sharpen at.
6. Once the degree is set, tighten the Lock Wheel.
7. Lower the Top Housing so that the Grinding Wheel skims the chain tooth.
8. Hold it at that position while
you adjust the Depth Lock
Stop so that the Grinding
Wheel will only go down to
that point.
9. Depending on the amount of
material you wish to remove,
tighten or loosen the Depth
Lock Stop and set the Lock
Nut.
NOTE: Once the Depth Lock
Stop is set, fully
tighten the Lock Nut.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20