データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT8MSV-6 データシート(PDF) 2 Page - Advanced Crystal Technology

部品番号 ACT8MSV-6
部品情報  4/6-pad surface mount Voltage Controlled Crystal Oscillators (VCXO)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACT [Advanced Crystal Technology]
ホームページ  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT8MSV-6 データシート(HTML) 2 Page - Advanced Crystal Technology

  ACT8MSV-6 Datasheet HTML 1Page - Advanced Crystal Technology ACT8MSV-6 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WAVEFORM
VOLTAGE CONTROL CHARACTERISTIC
LOW NOISE (LN) VERSION:
SOLDERING CONDITIONS
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Tolerance, Operating Temperature Range, Supply Voltage & Symmetry
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Issue 1 M6
Date: 06/09/04
2 of 2



Html Pages

1 2