データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT26 データシート(PDF) 2 Page - Advanced Crystal Technology

部品番号 ACT26
部品情報  a miniature cylindrical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACT [Advanced Crystal Technology]
ホームページ  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT26 データシート(HTML) 2 Page - Advanced Crystal Technology

  ACT26 Datasheet HTML 1Page - Advanced Crystal Technology ACT26 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.actcrystals.com
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
SOLDERING of CYLINDER CRYSTALS
Lead wire should be soldered within 10seconds with the iron having a tip
temperature of less than 270°C.
With regard to wave soldering it is recommended that the process is
carried out with the crystal unit set upright on the circuit board. Should the
process be carried out with the crystal unit on its side then steps must be
taken to prevent heat transfer through the can.
Should the whole crystal unit be heated (in a re-flow oven for example) it
will result in amarked deterioration of the performance or even failure to
oscillate. This is due to the internal construction of the crystal unit which
involves the use of solder.
2 of 2



Html Pages

1 2