データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M54HC366 データシート(PDF) 6 Page - STMicroelectronics

部品番号 M54HC366
部品情報  HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC366 データシート(HTML) 6 Page - STMicroelectronics

Back Button M54HC366 Datasheet HTML 2Page - STMicroelectronics M54HC366 Datasheet HTML 3Page - STMicroelectronics M54HC366 Datasheet HTML 4Page - STMicroelectronics M54HC366 Datasheet HTML 5Page - STMicroelectronics M54HC366 Datasheet HTML 6Page - STMicroelectronics M54HC366 Datasheet HTML 7Page - STMicroelectronics M54HC366 Datasheet HTML 8Page - STMicroelectronics M54HC366 Datasheet HTML 9Page - STMicroelectronics M54HC366 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SWITCHING CHARACTERISTICS TEST WAVEFORM
GND
VCC
Note : Such a logic level shall be applied to each input that the output voltage stays in the apposite side to the switch connection level, when
the output is enable.
M54/M74HC365/366
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11