| データシートサーチシステム |
|
TDA7541 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7541 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 76 page ![]() Electrical specifications and characteristics TDA7541 12/76 6.4 I13 Max. AGC discharge current V8-10 = 100mVRMS,V13 = 2.5V 1.7 2.5 3.3 mA 7. AGC PIN diode driver output 7.1 I12 AGC OUT, current min. V8-10 = 0mVRMS, V12 = 2.5V 15 25 35 µA 7.2 I12 AGC OUT, current max. V8-10 = 50 mVRMS, V12 = 2.5V -16 mA 8. FM I/Q Mixer1 (10.7MHz) 8.1 RIN Input resistance Differential 8 10 12 kΩ 8.2 CIN Input capacitance Differential 4 pF 8.3 ROUT Output resistance 530 660 790 Ω 8.4 V8,11 Input DC bias 2.2 2.5 2.8 V 8.5 G Gain Unloaded 20 22 24 dB 8.6 Gl Gain With 330Ω load 14 16 18 dB 8.7 INOISE Equivalent input noise 3 nV/ √Hz 8.8 CP1dB 1dB compression point Referred to diff. mixer input 100 dBµV 8.9 IIP3 3rd order intermodulation 119 dBµV 8.10 IQP I/Q phase adjust PH -7 +8 DEG 8.11 IRR Image rejection ratio Ratio wanted/image 30 40 dB 8.12 IRR Image rejection ratio With phase adjust 40 46 dB 9. WB I/Q Mixer1 (10.7MHz) 9.1 RIN Input resistance Single ended 7 10 13 kΩ 9.2 ROUT Output resistance 530 660 790 Ω 9.3 V5 Input dc bias 2 2.3 2.6 V 9.4 G Gain unloaded 24 26 28 dB 9.5 INOISE Equivalent Input noise Source impedance 400Ω 2.3 nV/ √Hz 9.6 IIP3 3rd order intermodulation 113 dBµV 10. IF1 amplifier (10.7MHz) 10.1 RIN Input resistance 265 330 396 Ω 10.2 CIN Input capacitance 2.5 pF 10.3 V61 DC input voltage VCCIF1/3 V 10.4 ROUT Output resistance 265 330 396 Ω 10.5 COUT Output capacitance 2.5 pF 10.6 V59 DC output voltage VCCIF1/2 V 10.7 Gmin Min. gain IFG 9 dB Table 6. FM section (continued) (Tamb = 25°C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5V, fXtal = 10.25 MHz, fRF = 98MHz, dev = 40 kHz, fMod = 1 kHz, in application circuit, unless otherwise specified) Item Symbol Parameter Test conditions Min. Typ. Max. Unit |