| データシートサーチシステム |
|
TDA7541WTR データシート(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7541WTR データシート(HTML) 43 Page - STMicroelectronics |
|
43 / 76 page ![]() TDA7541 Software specification 43/76 Data bytes which are unused or dedicated for testing only don't need to be written, because they are set internally to FEH (power on reset condition). But if somebody it writing these bytes they must be written to FEH, otherwise some malfunction of the chip can happen. T Weak signal mute 11 WMD7 WMD6 WMD5 WMTH4 WMTH3 WMTH2 WBON ISSON T AM IF NB 12 IFAGCS AINT6 AINT5 AINTH4 AINTH3 AINTH2 AINTH1 AINENA T XTAL adjust 13 SL7 SL6 SL5 XTAL4 XTAL3 XTAL2 XTAL1 XTAL0 T IF adjust 14 IF1G7 IF1G6 IF2Q5 IF2Q4 IF2A3 IF2A2 IF2A1 IF2A0 T IQ adjust/Switch 15 DSB7 DSB6 SWM SW PH3 PH2 PH1 PH0 T FM keying AGC 16 FSWO7 FSWO6 RFK KAGC4 KAGC3 KAGC2 ODCUR ODENA SD Roll off 17 LG7 LG6 LG5 LG4 ROC3 ROC2 ROC1 ROC0 SD Stereo blend 18 AMCF7 AMCF6 AMCF5 ASI PTH SBC2 SBC1 SBC0 SD High cut 19 DEEMP HCLT6 HCLT5 HCHT4 HCHT3 HCMAX2 HCMAX1 HCENA SD MP 20 MS MPFAST MPINT MPCC MPRG3 MPRG2 MPG1 MPG0 SD quality 21 NBFC7 NBFC6 NBDC5 NBDC4 QNG3 QNG2 QDC1 QDC0 SD Audio NB I 22 NBCT7 NBCT6 NBLT5 NBLT4 NBLT3 NBT2 NBT1 NBENA SD Audio NB II 23 PCM VCON NBSMP NBMP NBRR2 NBRR1 NBPC SD Testing 24 T PLL/IFC Testing 25 EWEXP IFSEXP 1 1 1 1 1 1 T Testing 26 T Testing 27 T Testing 28 T Testing 29 Not used 30 Not used 31 Table 13. Address organization (continued) Function Addr D7 D6 D5 D4 D3 D2 D1 D0 T Tuner SD Stereo decoder |