データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AA3021PR4S/Z データシート(PDF) 2 Page - Kingbright Corporation

部品番号 AA3021PR4S/Z
部品情報  3.0x2.0mm SURFACE MOUNT LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3021PR4S/Z データシート(HTML) 2 Page - Kingbright Corporation

  AA3021PR4S/Z Datasheet HTML 1Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 2Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 3Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 4Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 5Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 6Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 7Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPEC NO: DSAH4043
REV NO: V.1
DATE: MAY/14/2007
PAGE: 2 OF 8
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.J.LIU
ERP:1201002637
Handling Precautions
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic
significantly reduces thermal stress, it is more susceptible to damage by external mechanical force.
As a result, special handling precautions need to be observed during assembly using silicone encapsulated
LED products. Failure to comply might leads to damage and premature failure of the LED.
1. Handle the component along the side surfaces by using forceps or appropriate tools.
2. Do not directly touch or handle the silicone lens surface. It may damage the internal circuitry.
3. Do not stack together assembled PCBs containing exposed LEDs. Outside impact may scratch the silicone lens or
damage the internal circuitry.
4. During surface-mounting, the pickup capillary diameter should be larger than the silicone lens to insure the capillary
does not scratch or damage the lens.



Html Pages

1 2 3 4 5 6 7 8