| データシートサーチシステム |
|
ST72681/R20 データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72681/R20 データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 32 page ![]() ST72681 Electrical characteristics 17/32 7.2 Absolute maximum ratings Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the Device. This is a stress rating only and functional operation of the Device under these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. 7.2.1 Voltage characteristics 7.2.2 Current characteristics 7.2.3 Thermal characteristics Table 7. Voltage characteristics Symbol Ratings Maximum value Unit VDD33 - VSS Supply voltage 4.0 V VIN (1) (2) 1. Directly connecting the RESET and I/O pins to VDD33 or VSS could damage the device if an unintentional internal reset is generated or an unexpected change of the I/O configuration occurs (for example, due to a corrupted program counter). To guarantee safe operation, this connection has to be done through a pull-up or pull-down resistor (typical: 4.7k Ω for RESET, 10kΩ for I/Os). For the same reason, unused I/O pins must not be directly tied to VDD33 or VSS. 2. When the current limitation is not possible, the VIN absolute maximum rating must be respected, otherwise refer to IINJ(PIN) specification. A positive injection is induced by VIN > VDD33 while a negative injection is induced by VIN < VSS. Input voltage on any other pin VSS - 0.3 to VDD33 + 0.3 V VESD(HBM) Electro-static discharge voltage (Human Body Model) See Section 7.6.3 on page 21 VESD(MM) Electro-static discharge voltage (Machine Model) Table 8. Current characteristics Symbol Ratings Maximum value Unit IVDD33 Total current into VDD33 power lines (source) (1) 1. All power supply (VDD33) and ground (VSS) lines must always be connected to the external supply. 200 mA IVSS Total current out of VSS ground lines (sink) (1) 200 IIO (2) 2. Refer to Table 5: General Purpose I/O Ports / Mass Storage I/Os for the output drive capability of each of the I/Os. Output current sunk by any I/O (type D2) 25 Output current sunk by any I/O (type D4) 35 Output current sunk by any I/O (type D8) 50 Output current source by any I/Os and control pin -25 Table 9. Thermal characteristics Symbol Ratings Value Unit TSTG Storage temperature range -65 to +150 °C TJMAX Maximum junction temperature 120 °C |