| データシートサーチシステム |
|
ST72681/R21 データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72681/R21 データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 32 page ![]() ST72681 Mass storage implementation 13/32 5 Mass storage implementation 5.1 USB characteristics The ST72681 is compliant with USB 2.0 specification. It is able to operate in both high speed and full speed modes using a bidirectional control endpoint 0 and a bidirectional bulk endpoint 2. It automatically recognizes the speed to use on the bus by a process of negotiation with USB Host. 5.2 BOT / SCSI implementation 5.2.1 BOT specification The USB Mass Storage Class Bulk Only Transport (BOT) specification version 1.0 is implemented. It allows the device to be recognized by the host as a mass-storage USB device. 5.2.2 SCSI specification Moreover, inside BOT transfers, SCSI commands are encapsulated for mass storage operations. The related specifications are SBC-2 revision 10 (SCSI Block Commands 2) and SPC-4 revision 7a (SCSI Primary Commands 4). 5.2.3 Bootability specification The USB Mass Storage Specification for Bootability revision 1.0 is implemented. It allows the PC host to boot the operating system from the USB mass storage application. In this case, the Host uses BOT LUN 0 (logical unit number). A specific tool must be used to format the logical drive in order to make it bootable by programming the correct information. 5.3 Multi-LUN device characteristics The application can be configured with a dedicated PC software tool as a multi-LUN device. In this case, up to 3 different drives are available: public drive, additional drive and private drive. Public and additional drives can be configured as removable drive, hard disk drive or CD- ROM drive. |