| データシートサーチシステム |
|
RA4M1 データシート(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M1 データシート(HTML) 46 Page - Renesas Technology Corp |
|
46 / 131 page ![]() R01DS0355EJ0110 Rev.1.10 Page 46 of 131 Sep 29, 2023 RA4M1 Group 2. Electrical Characteristics Figure 2.17 Voltage dependency in high-speed operating mode (reference data) 0 5 10 15 20 25 30 35 40 1. 5 2. 0 2. 5 3 . 0 3.5 4 . 0 4.5 5 . 0 5. 5 6. 0 VC C ( V) T a = 105 C T a = 105 C T a = 105 C , I C LK = 48 M H z , IC L K = 8 M H z , I C LK = 48 M H z * 1 T a = 25 C , I C LK = 32 M H z * 1 T a = 25 C , I C LK = 16 M H z * 1 T a = 25 C T a = 25 C , I C LK = 4 M H z * 1 T a = 25 C T a = 25 C *1 , I C LK = 32 M H z T a = 25 C T a = 105 C , IC LK = 16 M H z *2 , IC L K = 4 8 M H z *2 T a = 105 C , I C LK = 32 M H z *2 T a = 105 C T a = 105 C *2 T a = 105 C *1 , I C LK = 16 M H z *1 T a = 25 C , IC L K = 4 M H z *2 , I C LK = 8 M H z *1 T a = 25 C , I C LK = 4 M H z *1 T a = 25 C , I C LK = 48 M H z * 2 , IC L K = 3 2 M H z * 2 , IC L K = 1 6 M H z * 2 , IC L K = 8 M H z * 2 , IC L K = 4 M H z * 2 T a = 105 C T a = 105 C , IC L K = 8 M H z * 1 Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the actual measurements of the sample cores during product evaluation. Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the actual measurements for the upper limit samples during product evaluation. |