| データシートサーチシステム |
|
R7FA4M2AC3CFM データシート(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7FA4M2AC3CFM データシート(HTML) 7 Page - Renesas Technology Corp |
|
7 / 93 page ![]() 1.2 Block Diagram Figure 1.1 shows a block diagram of the MCU superset. Some individual devices within the group have a subset of the features. Memory 512 KB code flash 8 KB data flash 128 KB SRAM DMA DMAC × 8 System Mode control Power control Register write protection MOSC/SOSC Clocks (H/M/L) OCO PLL/PLL2 Battery backup GPT32 x 4 GPT16 x 4 Timers AGT × 6 RTC CTSU Arm Cortex-M33 DTC CAC POR/LVD Reset Human machine interfaces ELC Event link SCE9 Security Analog CRC Data processing DOC Communication interfaces QSPI IIC × 2 SDHI SPI CAN SSIE USBFS SCI × 6 TSN DAC12 × 2 ADC12 1 KB Standby SRAM Bus MPU ICU WDT/IWDT MPU NVIC System timer Test and DBG interface IDAU DSP FPU Note: Not available on all parts. Figure 1.1 Block diagram 1.3 Part Numbering Figure 1.2 shows the product part number information, including memory capacity and package type. Table 1.13 shows a list of products. RA4M2 Datasheet 1. Overview R01DS0367EJ0140 Rev.1.40 May 9, 2025 Page 7 of 93 |