| データシートサーチシステム |
|
AM261...ZCZQ1 データシート(PDF) 142 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZQ1 データシート(HTML) 142 Page - Texas Instruments |
|
142 / 218 page ![]() GPMC_CSn[i] GPMC_BE0n_CLE GPMC_ADVn_ALE GPMC_OEn_REn GPMC_FCLK GPMC_WAIT[j] GNF10 GNF14 GNF15 GNF12 GNF13 DATA GPMC_AD[15:0] GPMC_14 A. GNF12 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after GNF12 functional clock cycles, input data will be internally sampled by active functional clock edge. GNF12 value must be stored inside AccessTime register bits field. B. GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. C. In GPMC_CSn[i], i is equal to 0, 1, 2 or 3. In GPMC_WAIT[j], j is equal to 0 or 1. Figure 6-39. GPMC and NAND Flash — Data Read Cycle GPMC_FCLK GPMC_CSn[i] GPMC_BE0n_CLE GPMC_ADVn_ALE GPMC_OEn_REn GPMC_WEn DATA GNF0 GNF1 GNF4 GNF9 GNF3 GNF6 GPMC_AD[15:0] GPMC_15 A. In GPMC_CSn[i], i is equal to 0, 1, 2 or 3. Figure 6-40. GPMC and NAND Flash — Data Write Cycle AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 142 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |