| データシートサーチシステム |
|
AM261...ZCZQ1 データシート(PDF) 36 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZCZQ1 データシート(HTML) 36 Page - Texas Instruments |
|
36 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] U17 Y18 P14 W17 GPIO31 GPIO31_CFG_REG 0x5310 007C 0x0000 05F7 RGMII1_RD0 0 I Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD RMII1_RXD0 1 I MII1_RXD0 2 I OSPI1_D1 3 IO FSITX0_DATA1 6 O GPIO31 7 IO T17 W18 P15 V17 GPIO32 GPIO32_CFG_REG 0x5310 0080 0x0000 05F7 RGMII1_RD1 0 I Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD RMII1_RXD1 1 I MII1_RXD1 2 I OSPI1_D2 3 IO FSIRX0_CLK 6 I GPIO32 7 IO U18 Y19 R16 W18 GPIO33 GPIO33_CFG_REG 0x5310 0084 0x0000 05F7 RGMII1_RD2 0 I Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD PR1_IEP0_EDC_SYNC_OUT0 1 O MII1_RXD2 2 I OSPI1_D3 3 IO UART1_RXD 4 I FSIRX0_DATA0 6 I GPIO33 7 IO EQEP0_A 8 I GPMC0_CSn2 9 O T18 W19 N14 V18 GPIO34 GPIO34_CFG_REG 0x5310 0088 0x0000 05F7 RGMII1_RD3 0 I Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD PR1_IEP0_EDIO_DATA_IN_OUT31 1 IO MII1_RXD3 2 I OSPI1_D4 3 IO UART1_TXD 4 O FSIRX0_DATA1 6 I GPIO34 7 IO EQEP0_B 8 I GPMC0_CSn3 9 O N18 U20 L15 R18 GPIO35 GPIO35_CFG_REG 0x5310 008C 0x0000 05F7 RGMII1_TXC 0 O Off / Off / Off Off / Off / Off Mode7 1.8V/3.3V Yes LVCMOS PU/PD PR1_IEP0_EDIO_DATA_IN_OUT30 1 IO MII1_TXCLK 2 I OSPI1_D5 3 IO UART4_RXD 4 I GPIO35 7 IO EQEP0_INDEX 8 IO AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 36 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |