データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM261...ZEJQ1 データシート(PDF) 32 Page - Texas Instruments

部品番号 AM261...ZEJQ1
部品情報  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJQ1 データシート(HTML) 32 Page - Texas Instruments

Back Button AM261...ZEJQ1 Datasheet HTML 28Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 29Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 30Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 31Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 32Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 33Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 34Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 35Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
B14
A16
D13
B15
GPIO130
GPIO130_CFG_REG
0x5310 0208
0x0000 05F7
SPI2_D0
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU1_GPIO18
1
IO
UART4_RTSn
2
O
PR1_IEP0_EDC_SYNC_OUT0
3
O
I2C1_SDA
4
IO
MCAN1_RX
5
I
GPMC0_OEn_REn
6
O
GPIO130
7
IO
EQEP0_A
8
I
SDFM1_CLK0
9
I
A14
B16
C13
A15
GPIO131
GPIO131_CFG_REG
0x5310 020C
0x0000 05F7
SPI2_CS0
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU0_GPIO19
1
IO
UART4_CTSn
2
I
PR1_IEP0_EDIO_DATA_IN_OUT31
3
IO
I2C1_SCL
4
IO
MCAN1_TX
5
O
GPMC0_CSn0
6
O
GPIO131
7
IO
EQEP0_B
8
I
SDFM1_D0
9
I
C12
C14
C12
A14
GPIO132
GPIO132_CFG_REG
0x5310 0210
0x0000 05F7
I2C2_SDA
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU0_GPIO20
1
IO
UART4_TXD
2
O
PR1_IEP0_EDIO_DATA_IN_OUT30
3
IO
GPMC0_A15
6
O
GPIO132
7
IO
EQEP0_STROBE
8
IO
SDFM1_CLK1
9
I
ADC_EXTCH_XBAROUT2
10
O
D11
D15
B13
B14
GPIO133
GPIO133_CFG_REG
0x5310 0214
0x0000 05F7
I2C2_SCL
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU1_GPIO7
1
IO
UART4_RXD
2
I
GPMC0_AD7
6
IO
GPIO133
7
IO
EQEP0_INDEX
8
IO
SDFM1_D1
9
I
ADC_EXTCH_XBAROUT3
10
O
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More