データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M74HC85TTR データシート(PDF) 5 Page - STMicroelectronics

部品番号 M74HC85TTR
部品情報  4-BIT MAGNITUDE COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC85TTR データシート(HTML) 5 Page - STMicroelectronics

  M74HC85TTR Datasheet HTML 1Page - STMicroelectronics M74HC85TTR Datasheet HTML 2Page - STMicroelectronics M74HC85TTR Datasheet HTML 3Page - STMicroelectronics M74HC85TTR Datasheet HTML 4Page - STMicroelectronics M74HC85TTR Datasheet HTML 5Page - STMicroelectronics M74HC85TTR Datasheet HTML 6Page - STMicroelectronics M74HC85TTR Datasheet HTML 7Page - STMicroelectronics M74HC85TTR Datasheet HTML 8Page - STMicroelectronics M74HC85TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
M74HC85
5/10
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
23
pF



Html Pages

1 2 3 4 5 6 7 8 9 10