データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1100 データシート(PDF) 10 Page - ams-OSRAM AG

部品番号 AS1100
部品情報  Ser ial ly Inter faced, 8-Digi t LED Dr iver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1100 データシート(HTML) 10 Page - ams-OSRAM AG

Back Button AS1100 Datasheet HTML 6Page - ams-OSRAM AG AS1100 Datasheet HTML 7Page - ams-OSRAM AG AS1100 Datasheet HTML 8Page - ams-OSRAM AG AS1100 Datasheet HTML 9Page - ams-OSRAM AG AS1100 Datasheet HTML 10Page - ams-OSRAM AG AS1100 Datasheet HTML 11Page - ams-OSRAM AG AS1100 Datasheet HTML 12Page - ams-OSRAM AG AS1100 Datasheet HTML 13Page - ams-OSRAM AG AS1100 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1100
Revision 1.37
8 - 16
AS1100
Datasheet - D e t a i l e d D e s c r i p t i o n
Note:
The decimal point is set by bit D7 = 1
Table 7. Decode-mode Register Examples (address (hex) = 0xX9
Decode Mode
Register Data
Hex Code
D7
D6
D5
D4
D3
D2
D1
D0
No decode for digits 7–0
0
0
0
0
0
0
0
0
0x00
Code B decode for digit 0
No decode for digits 7–1
0
0
0
0
0
0
0
1
0x01
Code B decode for digits 3–0
No decode for digits 7– 4
0
0
0
0
1
1
1
1
0x0F
Code B decode for digits 7–0
1
1
1
1
1
1
1
1
0xFF
Table 8. Code B font
7-Segment
Character
Register Data
On Segments = 1
D7*
D6-D4
D3
D2
D1
D0
DP*
A
B
C
D
E
F
G
0
X
0
0
0
0
1
1
1
1
1
1
0
1
X
0
0
0
1
0
1
1
0
0
0
0
2
X
0
0
1
0
1
1
0
1
1
0
1
3
X
0
0
1
1
1
1
1
1
0
0
1
4
X
0
1
0
0
0
1
1
0
0
1
1
5
X
0
1
0
1
1
0
1
1
0
1
1
6
X
0
1
1
0
1
0
1
1
1
1
1
7
X
0
1
1
1
1
1
1
0
0
0
0
8
X
1
0
0
0
1
1
1
1
1
1
1
9
X
1
0
0
1
1
1
1
1
0
1
1
--
X
1
0
1
0
0
0
0
0
0
0
1
E
X
1
0
1
1
1
0
0
1
1
1
1
H
X
1
1
0
0
0
1
1
0
1
1
1
L
X
1
1
0
1
0
0
0
1
1
1
0
P
X
1
1
1
0
1
1
0
0
1
1
1
blank
X
1
1
1
1
0
0
0
0
0
0
0
Table 9. No-decode Mode Data Bits and Corresponding Segment Lines
Register Data
D7
D6
D5
D4
D3
D2
D1
D0
Corresponding Segment Line
DP
A
B
C
D
E
F
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18