| データシートサーチシステム |
|
AS1130 データシート(PDF) 61 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1130 データシート(HTML) 61 Page - ams-OSRAM AG |
|
61 / 67 page ![]() Page 60 ams Datasheet Document Feedback [v2-01] 2016-Oct-12 AS1130 − Ordering & Contac t Information The devices are available as the standard products shown in Figure 65. Figure 65: Ordering Information Note(s): 1. On request Ordering Code Package Marking Description Logic Levels Address Delivery Form AS1130-BSST 28-pin SSOP AS1130 132-LED Cross-Plexing Driver with Scrolling Function CMOS 0x30 - 0x37 Tape and Reel AS1130B-BSST(1) AS1130B 132-LED Cross-Plexing Driver with Scrolling Function Mobile Tape and Reel AS1130C-BSST(1) AS1130C 132-LED Cross-Plexing Driver with Scrolling Function CMOS 0x38 - 0x3E Tape and Reel AS1130D-BSST(1) AS1130D 132-LED Cross-Plexing Driver with Scrolling Function Mobile Tape and Reel AS1130-BTST 28-pin TSSOP AS1130 132-LED Cross-Plexing Driver with scrolling Function CMOS 0x30 - 0x37 Tape and Reel AS1130B-BTST(1) AS1130B 132-LED Cross-Plexing Driver with scrolling Function Mobile Tape and Reel AS1130C-BTST(1) AS1130C 132-LED Cross-Plexing Driver with scrolling Function CMOS 0x38 - 0x3E Tape and Reel AS1130D-BTST(1) AS1130D 132-LED Cross-Plexing Driver with scrolling Function Mobile Tape and Reel AS1130-BWLT 20-Pin WL-CSP AS1130 132-LED Cross-Plexing Driver with Scrolling Function CMOS 0x30 - 0x37 Tape and Reel AS1130B-BWLT AS1130B 132-LED Cross-Plexing Driver with Scrolling Function Mobile Tape and Reel AS1130C-BWLT(1) tbd 132-LED Cross-Plexing Driver with Scrolling Function CMOS 0x38 - 0x3E Tape and Reel AS1130D-BWLT(1) tbd 132-LED Cross-Plexing Driver with Scrolling Function Mobile Tape and Reel Ordering & Contact Information |