| データシートサーチシステム |
|
AS3412 データシート(PDF) 4 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3412 データシート(HTML) 4 Page - ams-OSRAM AG |
|
4 / 85 page ![]() ams Datasheet Page 3 [v1-00] 2016-Apr-06 Document Feedback AS3412 − Pin Assignment Pin Diagram Figure 3: Pin Diagram of AS3412 Pin Description Figure 4: AS3412 Pin Assignment Pin Name Pin Number Pin Type Description AGND B5 ANA OUT Analog reference ground. Has to be connected to GND pin. For better noise performance a star shaped ground concept is the preferred option to connect these pins together. LINL C1 ANA IN Line input EQ left channel. TRSDA/ BPL C3 ANA IN/OUT Data input for production trimming. Can be connected to LINL pin to enable production trimming via 3.5mm audio jack. Furthermore this pin features also music bypass function for the left audio channel in off mode operation in order to replace and external analog switch. Pin Assignment A1 CPP A2 GND A3 VNEG A4 QOP1R B1 VBAT B2 HPL B3 CPN B4 IOP1R C1 LINL C2 LINR C3 TRSDA/ BPL C4 MICR D1 HPR D2 QOP1L D3 IOP1L D4 MICL A5 QMICR B5 AGND C5 ANC/ CSDA D5 MODE/ CSCL E1 TRSCL/ BPR E2 QMICL E3 MICACL E4 MICS E5 MICACR |