| データシートサーチシステム |
|
C10 データシート(PDF) 65 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
C10 データシート(HTML) 65 Page - ams-OSRAM AG |
|
65 / 72 page ![]() AS3688 austriami crosyst ems Datasheet, Confidential www.austriamicrosystems.com (ptr,tje) Revision 1.1.1 / 20060707 63 - 70 Value Part Number min typ max Tol (min) Rating (max) Notes Package (min) D1 CMDSH2-3, BAT760 or similar Shottky Diode; Central Semiconductor (CMDSH2-3) Philips, STM (BAT760) SOD232 D2:D15 LED As required by application Q1 Si1304, FDG313N or similar NMOS switching transistor; Vishay (Si1304), Fairchild (FDG313N) SOT-232 |