| データシートサーチシステム |
|
C12 データシート(PDF) 39 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
C12 データシート(HTML) 39 Page - ams-OSRAM AG |
|
39 / 72 page ![]() AS3688 austriami crosyst ems Datasheet, Confidential www.austriamicrosystems.com (ptr,tje) Revision 1.1.1 / 20060707 37 - 70 Figure 22 – Softdimming Architecture for the AS3688 (softdim_pattern=1 and pattern_color = 1) With the AS3688 smooth fade-in and fade-out effects can be automatically generated. As there is only one dimming ramp generator and one pwm modulator following constraints have to be considered when setting up the pattern (applies only if pattern_color=1): Figure 23 – Softdimming example Waveform for RGB1, RGB2 and RGB3 However using the identical dimming waveform for two channels is possible as shown in the following figure: Figure 24 – Softdimming example Waveform for RGB1, RGB2 and RGB3 RGB1 RGB2 RGB3 ok ok not possible A new dimming up (RGB2) can be started after the dimming down (RGB1) is finished A new dimming up (RGB3) cannot be started after or while one channel (RGB1) is dimming up RGB1 RGB2 RGB3 ok ok ok Pattern Generator Dimming Ramp Gen up down 8 PWM Modulator Zero Detect RS Flip Flop set reset out RS Flip Flop set reset out RS Flip Flop set reset out RGB1/CURR1/CURR41/CURR30 RGB2/CURR2/CURR42/CURR31 RGB3/ /CURR43/CURR32,33 controls current sources (on/off) for current source where currX_mode = LED pattern |