| データシートサーチシステム |
|
AS3722 データシート(PDF) 152 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3722 データシート(HTML) 152 Page - ams-OSRAM AG |
|
152 / 199 page ![]() ams Datasheet Page 151 [v1-01] 2015-Sep-07 Document Feedback AS3722 − Register Description Figure 168: SDlv_deb Figure 169: OC_pg_ctrl Addr:5ch SDlv_deb Bit Bit Name Default Access Bit Description 7:6 pg_sd6_vmask_time 0 RW Mask pwrgood_sd6 (=sd6_lv) and ovcurr after voltage change (DVS) 0 : no masking 1 : 4us 2 : 8us 3 : do not use 5:4 sd6_lv_deb 0 RW Selects debounce time of sd6_lv signal 0 : no debouncing 1 : 1 us 2 : 4 us 3 : 20 us 3:2 sd1_lv_deb 0 RW Selects debounce time of sd1_lv signal 0 : no debouncing 1 : 1 us 2 : 4 us 3 : 20 us 1:0 sd0_lv_deb 0 RW Selects debounce time of sd0_lv signal 0 : no debouncing 1 : 1 us 2 : 4 us 3 : 20 us Addr:5dh OC_pg_ctrl Bit Bit Name Default Access Bit Description 0 pg_ac_ok_inv 0 RW Invert AC_OK for OC_PG signal 1 pg_ac_ok_mask 0 RW Mask AC_OK for OC_PG signal 2 pg_gpio3_mask 0 RW Mask gpio3 for OC_PG signal 3 pg_gpio4_mask 0 RW Mask gpio4 for OC_PG signal 4 pg_gpio5_mask 0 RW Mask gpio5 for OC_PG signal 5 pg_pwrgood_sd0_mask 0 RW Mask pwrgood for OC_PG signal power good is the sd0_lv signal 6 pg_ovcurr_sd0_mask 0 RW Mask ovc_alarm threshold of SD0 7 pg_vresfall_mask 0 RW Mask ResVoltFall (alarm threshold) |