| データシートサーチシステム |
|
AS7220 データシート(PDF) 21 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7220 データシート(HTML) 21 Page - ams-OSRAM AG |
|
21 / 33 page ![]() Page 20 ams Datasheet Document Feedback [v1-00] 2017-Feb-16 AS7220 − Application Information PCB Layout Suggested PCB pad layout guidelines for the LGA package are shown. Flash Gold is recommended as a surface finish for the landing pads. Figure 22: Typical Layout Routing In order to prevent interference, avoid trace routing feedthroughs with exposure directly under the AS7220. An example routing is illustrated in the diagram. The AS7220 Smart Lighting Integration Kit (SLIK) demo board with schematic and PCB layout documentation is available from ams for additional design information. |