データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7263 データシート(PDF) 43 Page - ams-OSRAM AG

部品番号 AS7263
部品情報  6-Channel NIR Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7263 データシート(HTML) 43 Page - ams-OSRAM AG

Back Button AS7263 Datasheet HTML 38Page - ams-OSRAM AG AS7263 Datasheet HTML 39Page - ams-OSRAM AG AS7263 Datasheet HTML 40Page - ams-OSRAM AG AS7263 Datasheet HTML 41Page - ams-OSRAM AG AS7263 Datasheet HTML 42Page - ams-OSRAM AG AS7263 Datasheet HTML 43Page - ams-OSRAM AG AS7263 Datasheet HTML 44Page - ams-OSRAM AG AS7263 Datasheet HTML 45Page - ams-OSRAM AG AS7263 Datasheet HTML 46Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
Page 42
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7263 − Document Status
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in
the planning phase of development. All specifications are
design goals without any warranty and are subject to
change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the
design, validation or qualification phase of development.
The performance and parameters shown in this document
are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in
ramp-up to full production or full production which
conform to specifications in accordance with the terms of
ams-OSRAM AG standard warranty as given in the General
Terms of Trade
Datasheet (discontinued)
Discontinued
Information in this datasheet is based on products which
conform to specifications in accordance with the terms of
ams-OSRAM AG standard warranty as given in the General
Terms of Trade, but these products have been superseded
and should not be used for new designs
Document Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46