データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS1170 データシート(PDF) 27 Page - ams-OSRAM AG

部品番号 AS1170
部品情報  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1170 データシート(HTML) 27 Page - ams-OSRAM AG

Back Button AS1170 Datasheet HTML 23Page - ams-OSRAM AG AS1170 Datasheet HTML 24Page - ams-OSRAM AG AS1170 Datasheet HTML 25Page - ams-OSRAM AG AS1170 Datasheet HTML 26Page - ams-OSRAM AG AS1170 Datasheet HTML 27Page - ams-OSRAM AG AS1170 Datasheet HTML 28Page - ams-OSRAM AG AS1170 Datasheet HTML 29Page - ams-OSRAM AG AS1170 Datasheet HTML 30Page - ams-OSRAM AG AS1170 Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
27 / 53
/
Figure 23: Load balancing
7.5.9
Flash strobe timings
The flash timing are defined as follows:
1. Flash duration defined by register flash_timeout and flash is started immediately when this
mode is selected by the I²C command: set strobe_on = 0, start the flash by setting
out_on = 1
2. Flash duration defined by register flash_timeout and flash started with a rising edge on pin
STROBE: set strobe_on = 1 and strobe_type = 0
3. Flash start and timing defined by the pin STROBE; the flash duration is limited by the
timeout timer defined by flash_timeout: set strobe_on = 1 and strobe_type = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53