| データシートサーチシステム |
|
AS3953A-BDFT データシート(PDF) 20 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3953A-BDFT データシート(HTML) 20 Page - ams-OSRAM AG |
|
20 / 71 page ![]() ams Datasheet Page 19 [v1-05] 2019-Feb-15 Document Feedback AS3953A − Detailed Description Cascade Level 2: According to ISO 14443-3 all bits except b6 and b3 are “don’t care” for Cascade Level 2. If configuration bit16 [nl4] is set to logic ‘0’ (default state), the SAK on Cascade Level 2 reports that tag is compliant to level4 (see figure below). Figure 17: Cascade Level 2 Coding (ISO/IEC14443-4 Compliant) If configuration bit16 [nl4] is set to logic ‘1’, the SAK on Cascade Level 2 reports that tag is NOT compliant to Level-4 (see figure below). Figure 18: Cascade Level 2 Coding (NOT ISO/IEC14443-4 Compliant) If configuration bit15 [nfc] is set to logic ‘1’, the SAK on Cascade Level 2 reports that tag is NFC passive target (see figure below). Figure 19: b8 MSB b7 b6 b5 b4 b3 b2 b1 LSB Description 0 01000 00 UID complete, tag is compliant to ISO/IEC14443-4 b8 MSB b7 b6 b5 b4 b3 b2 b1 LSB Description 0 00000 00 UID complete, tag is NOT compliant to ISO/IEC14443-4 b8 MSB b7 b6 b5 b4 b3 b2 b1 LSB Description 0 100 000 0 UID complete, tag is compliant to NFCIP-1 transport protocol |