データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS72651 データシート(PDF) 4 Page - ams-OSRAM AG

部品番号 AS72651
部品情報  Errata Document of Datasheet Version 1-03 or later in combination with firmware Version V1.2.7 or later
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS72651 データシート(HTML) 4 Page - ams-OSRAM AG

  AS72651 Datasheet HTML 1Page - ams-OSRAM AG AS72651 Datasheet HTML 2Page - ams-OSRAM AG AS72651 Datasheet HTML 3Page - ams-OSRAM AG AS72651 Datasheet HTML 4Page - ams-OSRAM AG AS72651 Datasheet HTML 5Page - ams-OSRAM AG AS72651 Datasheet HTML 6Page - ams-OSRAM AG AS72651 Datasheet HTML 7Page - ams-OSRAM AG AS72651 Datasheet HTML 8Page - ams-OSRAM AG AS72651 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AS72651
Errata Sheet
ams Errata Sheet
Page 3
[v1-07] 2018-May-15
Document Feedback
Issues have been identified which can affect performance and are described in this Errata Sheet.
1. Deviation 1: AT commands page 50 figure 51
Description: This functionality will not work and a not a valid AT Command for new firmware update
AT command ATLED0
Command
Response
Description and Parameters
ATLED0=<value>
OK
Sets AS72651 LED_IND: 100=ON,0=OFF(default value =0)
ATLED0
<100|0>OK
Reads AS72651 LED_IND setting: 100=ON, 0=OFF
Workaround:
This functionality cannot be implemented using the current firmware update and will be updated in the
next firmware release 11Vx.x and later.
2. Deviation 2: AT commands page 50 figure 51
Description: This functionality will not work.
AT command ATLED4
Command
Response
Description and Parameters
ATLED4=<value>
OK
Sets AS72651 LED_IND: 100=ON,0=OFF(default value =0)
ATLED4
<100|0>OK
Reads AS72653 LED_IND setting: 100=ON, 0=OFF
Workaround:
This functionality cannot be implemented using the current firmware update and will be updated in the
next firmware release 11Vx.x and later.
3. Deviation 3: AT commands page 51 figure 51
Description: This functionality will not work.
AT command ATLED5
Command
Response
Description and Parameters
ATLED5=<value>
OK
Sets AS72653 LED_DRV: 100=ON,0=OFF(default value =0)



Html Pages

1 2 3 4 5 6 7 8 9 10