データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7341L データシート(PDF) 36 Page - ams-OSRAM AG

部品番号 AS7341L
部品情報  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSOSRAM [ams-OSRAM AG]
ホームページ  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341L データシート(HTML) 36 Page - ams-OSRAM AG

Back Button AS7341L Datasheet HTML 32Page - ams-OSRAM AG AS7341L Datasheet HTML 33Page - ams-OSRAM AG AS7341L Datasheet HTML 34Page - ams-OSRAM AG AS7341L Datasheet HTML 35Page - ams-OSRAM AG AS7341L Datasheet HTML 36Page - ams-OSRAM AG AS7341L Datasheet HTML 37Page - ams-OSRAM AG AS7341L Datasheet HTML 38Page - ams-OSRAM AG AS7341L Datasheet HTML 39Page - ams-OSRAM AG AS7341L Datasheet HTML 40Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 35
EDGE Register (Address 0x72)
Figure 45:
EDGE Register
Addr: 0x72
EDGE
Bit
Bit Name
Default
Access
Bit Description
7:0
SYNC_EDGE
0
RW
Number of falling SYNC-edges between start and
stop of integration in mode SYND
Number of edges = SYNC_EDGE + 1
10.2.3
ADC Configuration (gain, AGC…)
The following registers provide configuration for the 6 integrated ADCs (CH0 to CH5). It is possible to
adjust the gain, configure and enable the automatic gain control (AGC) and setup the auto zero
compensation for the engines.
CFG1 Register (Address 0xAA)
Figure 46:
CFG1 Register
Addr: 0xAA
CFG1
Bit
Bit Name
Default
Access
Bit Description
7:5
reserved
0
reserved
4:0
AGAIN
9
RW
Spectral Engines Gain Setting.
Sets the spectral sensitivity.
VALUE
GAIN
0
0.5x
1
1x
2
2x
3
4x
4
8x
5
16x
6
32x
7
64x
8
128x
9
256x
10
512x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65