| データシートサーチシステム |
|
AS7343 データシート(PDF) 17 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7343 データシート(HTML) 17 Page - ams-OSRAM AG |
|
17 / 58 page ![]() Document Feedback AS7343 Functional Description Datasheet • PUBLIC DS001046 • v6-00 • 2023-Jun-07 57 │ 16 8.1 Device Architecture The device features six independent 16-bit ADCs. Gain and integration time of the six ADCs can be adjusted with the I²C interface. A wait time can be programed to automatically set a delay between two consecutive spectral measurements and to reduce overall power consumption. Once a measurement is started, the device is automatically processing the channels and storing the measurement data on chip. Figure 13: Simplified Block Diagram CH0 ADC CH1 ADC CH2 ADC CH3 ADC CH4 ADC CH5 ADC Data 1 Data 2 Data 3 . . Data 18 6 x 16bit ADC GPIO VDD I2C Interface SCL SDA interrupt handling INT GND OTP RC- osc 5x5 PD array on chip IF Filter LDR PGND automatic measurement engine SYNC input 18 x 16bit DATA Register 256 byte FIFO LED Driver Flicker PD |